Part Number Hot Search : 
25CMB MC34230 AHC1G MC350 RF3933SR 200PC MSMLG12A 74LS32P
Product Description
Full Text Search
 

To Download DTC114TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn digital transistor features x built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit) x the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost comp letely eliminating parasitic effects x only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings parameter symbol value unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5 v collector current-continuous i c 100 ma collector dissipation p c 150 mw junction temperature t j 150 : storage temperature range t stg -55~150 : electrical characteristics sym parameter min typ max unit v (br)cbo collector-base breakdown voltage (i c =50ua, i e =0) 50 --- --- v v (br)ceo collector-emitter breakdown voltage (i c =1ma, i b =0) 50 --- --- v v (br)ebo emitter-base breakdown voltage (i e =50ua, i c =0) 5 --- --- v i cbo collector cut-off current (v cb =50v, i e =0) --- --- 0.5 ua i ebo emitter cut-off current (v eb =4v, i c =0) h fe dc current gain (v ce =5v, i c =1ma) 100 300 600 --- v ce(sat) collector-emitter saturation voltage (i c =10ma, i b =1ma) --- --- 0.3 v r 1 input resistor 7 10 13 k ? f t transition frequency (v ce =10v, i e =-5ma, f=100mhz) --- 250 --- mhz --- --- 0.5 ua sot-523 *marking: 04 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2012-0 willas electronic corp. DTC114TE dimensions in inches and (millimeters) .043(1.10) .035(0.90) .069(1.75) .057(1.45) .004(0.10)min. .008(0.20) .004(0.10) .035(0.90) .028(0.70) .006(0.15) .014(0.35) .004(0.10)max. .067(1.70) .059(1.50) .035(0.90) .028(0.70) .014(0.35) .010(0.25)
2012-0 willas electronic corp. npn digital transistor DTC114TE


▲Up To Search▲   

 
Price & Availability of DTC114TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X